Part Number Hot Search : 
EPB5065G 75000 UPD70F 3100S LTC31 8C10D TDA7261 3KP12C
Product Description
Full Text Search
 

To Download SPK1645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SPK1645 voltage 45v 16amp general purpose rectifiers elektronische bauelemente 17-feb-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. a c b a d rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? guard ring for overvoltage protection. ? very small conduction losses. ? low forward voltage drop. mechanical data ? case material molded plastic. ul flammability classification rating 94v-o ? terminals lead free plating (tin finish) solderable per mil-std-202, method 208 ? polarity cathode band ? weight 1.986 grams (approximate) absolute maximum ratings (t a = 25 c unless otherwise specified) parameter symbol rating unit maximum repetitive p eak reverse voltage v rrm 45 v maximum rms voltage v rms 31.5 v maximum dc blocking voltage v dc 45 v maximum average forward rectified current i (av) 16 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 200 a maximum instantaneous forward voltage i f =16a @ 25c v f 0.56 v maximum dc reverse current at rated dc blocking voltage t c =25c i r 0.5 ma t c =100c 25 typical junction capacitance 1 c j 900 pf typical thermal resistance r ja 12 c / w operating temperature range t j -55 ~ 150 c storage temperature range t stg -55 ~ 175 c notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. r - 6 ref. millimete r min. max. a 25.4 ref b 8.6 9.1 c 8.6 9.1 d 1.2 1.3
SPK1645 voltage 45v 16amp general purpose rectifiers elektronische bauelemente 17-feb-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SPK1645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X